PART |
Description |
Maker |
UR1113F UB1113F-TR UR1113F-TR UC1113F |
Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin Single Color Ultra High Brightness Type
|
STANLEY ELECTRIC CO.,LTD. STANLEY ELECTRIC CO.,LT...
|
650458-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 064 EURO TYPE C RECEPT ST ASSY ( AMP )
|
Tyco Electronics
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
341409N00 341109N02 341410N03 337110N03 331110N03 |
Thumbwheel Switches 指轮开 Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 032 EURO TYPE C RECEPT ST ASSY ( AMP ) 指轮开
|
ITT, Corp.
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
SLI-570YT SLI-570 SLI-570DT SLI-570UT |
High Brightness Type 5.0 Circular Type LED Lamps <Mid Focus Type 2 1/2:25> High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
STR20005 STR20000 |
(STR2000 Series) Switching Type SWITCHING TYPE(CHOPPER SELF OSCILLATION TYPE)
|
Sanken electric
|
DSS6NC52A471Q55B DSS6NC52A101Q55B DSS6NC52A102Q55B |
Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series Leaded EMIFIL (Three-terminal Capacitor type) Small Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
HCF40192B HCF40192BC1 HCF40192BEY HCF40192BF HCF40 |
Quadruple Differential Line Receiver 16-SOIC 0 to 70 预置向上/向下计数器(双时钟带复位0192B BCD码型40193B BINARY类型 PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B ? BCD TYPE 40193B ? BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B-BCD TYPE , 40193B-BINARY TYPE PRESETTABLE UP/DOWN COUNTERS - 40192B BCD TYPE 40193B BINARY TYPE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|